| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FLT2UGRSPM bảng dữ liệu(PDF) 1 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
FLT2UGRSPM bảng dữ liệu(HTML) 1 Page - ITT Industries |
|
1 / 10 page ![]() A–89 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com A C&K F Series Pushbutton Switches Features/Benefits • Up to 10 poles per module • Various contact terminals • Various mounting & switch ganging configurations • Mechanical indicator buttons • Illumination options • RoHS compliant Typical Applications • Audio selection • Digital equipment interface • Medical equipment interface Specifications SWITCHING POWER: F module max. AC/DC: Silver: 50 VA/15W, Gold: 1 VA/300 mW. SWITCHING VOLTAGE: F module max. AC/DC: Silver: 125/30V, Gold: 50/30 V. SWITCHING CURRENT: F module max. AC/DC: Silver: 0.5A/0.5A, Gold: 0.04A/0.01A. CARRYING CURRENT: Max at du = 20C: Silver: < 2A, Gold: <0.5A. DIELECTRIC STRENGTH (50 Hz, 1 min.): Chassis/contact: ^1500V Between contacts: ^1500V. OPERATING LIFE “OA/EE” (24V/200mA): >105 operations “GR”: >3.5 x 104 operations. CONTACT RESISTANCE: Initial: Typical %10 mΩ, max. 20 mΩ After operating life: %100 mΩ INSULATION RESISTANCE: ^109 Ω between open contacts, ^109 Ω between chassis and contacts. CAPACITANCE (at f = 10 kHz): %0.7 pF between 2 contacts. TOTAL TRAVEL/LATCHING TRAVEL: 4.7mm/3.3mm (.185 inch/ .130 inch). All models and options are RoHS compliant and compatible. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models and options are RoHS compliant and compatible. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. TYPICAL F OPERATING FORCE: 2U: 6.5N (650 grams); 4U: 6.5N (650 grams); 6U: 7.5N (750 grams); 8U: 9.0N (900 grams); 10U: 9.0N (900 grams). EUROPEAN TYPICAL SF OPERATING FORCE: 2U: 3.5N±0.5N (350 grams±100 grams); 4U: 5N±1N (500 grams±100 grams); 6U: 6.5N±1N (650 grams±100 grams); 8U: 9.0N±1N (900 grams±100 grams). OPERATING TEMPERATURE RANGE: -40˚C to 70˚C. Materials HOUSING: Polycarbonate UL 94V-0 or polyester UL 94V-0. ACTUATOR: Polyester UL 94V-0. MOVABLE CONTACTS: Bimetal brass, silver plated, gold plate over nickel. STATIONARY CONTACTS & TERMINALS: Brass, silver plated, gold plated. TERMINAL BOARD: Polyester UL 94V-0. RETURN SPRING: Music wire. TERMINAL SEAL: RTV adhesive sealant. CHASSIS: Steel. LOCKOUT PIN: Steel. BLOCKERS: Steel. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages A-90 thru A-98. For additional options not shown in catalog, consult Customer Service Center. If requesting only a switch, select either a North American or European switch as noted below. Chassis and buttons are sold separately. If multiple stations are selected, we will assume all switches are the same unless noted otherwise. Designation F F Series FLT Light touch F series ZF Central mounted F series Terminal Style (NONE) Solder lugs & PC pins 01A Cut solder lugs 01B Cut PC pins, for other configurations, consult factory Electrical Function (NONE) BBM M MBB (special) Contact Material (NONE) Silver, AG AU Gold Dress nut* *Central mounted F series only (NONE) No dress nut B Black C Chrome Terminal Sealing (NONE) None TB Top/bottom Mechanical Function OA Momentary EE Alternate (push-push) GR Interlock AOR Central release OASP Momentary with lockout GRSP Interlock with lockout Contact Arrangement 2U 2PDT 4U 4PDT 6U 6PDT 8U BPDT 10U 1OPDT North American Order Code - Switch Only |
Số phần tương tự - FLT2UGRSPM |
|
Mô tả tương tự - FLT2UGRSPM |