| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FLT2UGRSPM bảng dữ liệu(PDF) 9 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
FLT2UGRSPM bảng dữ liệu(HTML) 9 Page - ITT Industries |
|
9 / 10 page ![]() A–97 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection C&K F Series Pushbutton Switches CHASSIS .394 (10,0) .492 (12,5) NO. OF STATIONS SPACING 12.5 12.5mm 10 10mm C00 Thru C10 Comes with standard 0.094 (2,44mm) mounting holes NOTE: Single station chassis available with mounting configurations, consult factory. NUMBER OF STATIONS SPACING 00 SINGLE STATION 0.015 4.567 (116,00) 4.331 (110,01) 10 0.015 4.174 (106,02) 3.938 (100,03) 9 0.015 3.780 (96,01) 3.544 (90,02) 8 0.015 3.386 (86,00) 3.150 (80,01) 7 0.015 2.993 (76,02) 2.757 (70,03) 6 0.010 2.599 (66,01) 2.363 (60,02) 5 0.010 2.205 (56,01) 1.969 (50,01) 4 0.010 1.811 (46,00) 1.575 (40,01) 3 0.005 1.418 (36,02) 1.182 (30,02) 2 Tolerance Dim. ‘B’ Dim. ‘A’ No. of Stations 0.015 5.373 (136,47) 5.137 (130,48) 10 0.015 4.881 (123,98) 4.645 (117,98) 9 0.015 4.389 (111,48) 4.153 (105,49) 8 0.015 3.897 (98,98) 3.661 (92,99) 7 0.015 3.405 (86,49) 3.169 (80,49) 6 0.010 2.912 (73,96) 2.676 (67,97) 5 0.010 2.420 (61,47) 2.184 (55,47) 4 0.010 1.928 (48,97) 1.692 (42,98) 3 0.005 1.436 (36,47) 1.200 (30,48) 2 Tolerance Dim. ‘B’ Dim. ‘A’ No. of Stations A |