công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCM69C433 bảng dữ liệu(PDF) 19 Page - Motorola, Inc

tên linh kiện SCM69C433
Giải thích chi tiết về linh kiện  16K x 64 CAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM69C433 bảng dữ liệu(HTML) 19 Page - Motorola, Inc

Back Button SCM69C433 Datasheet HTML 15Page - Motorola, Inc SCM69C433 Datasheet HTML 16Page - Motorola, Inc SCM69C433 Datasheet HTML 17Page - Motorola, Inc SCM69C433 Datasheet HTML 18Page - Motorola, Inc SCM69C433 Datasheet HTML 19Page - Motorola, Inc SCM69C433 Datasheet HTML 20Page - Motorola, Inc SCM69C433 Datasheet HTML 21Page - Motorola, Inc SCM69C433 Datasheet HTML 22Page - Motorola, Inc SCM69C433 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MCM69C433
•SCM69C433
19
MOTOROLA FAST SRAM
TEST ACCESS PORT PINS
TCK — TEST CLOCK (INPUT)
Clocks all TAP events. All inputs are captured on the rising
edge of TCK and all outputs propagate from the falling edge
of TCK.
TMS — TEST MODE SELECT (INPUT)
The TMS input is sampled on the rising edge of TCK. This
is the command input for the TAP controller state machine.
An undriven TMS input will produce the same result as a
logic 1 input level.
TDI — TEST DATA IN (INPUT)
The TDI input is sampled on the rising edge of TCK. This is
the input side of the serial registers placed between TDI and
TDO. The register placed between TDI and TDO is deter-
mined by the state of the TAP controller state machine and
the instruction that is currently loaded in the TAP instruction
register (see Figure 5). An undriven TDI pin will produce the
same result as a logic 1 input level.
TDO — TEST DATA OUT (OUTPUT)
Output that is active depending on the state of the TAP
state machine (see Figure 5). Output changes in response to
the falling edge of TCK. This is the output side of the serial
registers placed between TDI and TDO.
TRST — TAP RESET
This device has a TRST pin. TRST is optional in IEEE
1149.1. Asserting the asynchronous TRST places the TAP
controller in test–logic reset state. Test–logic reset state can
also be entered by holding TMS high for five rising edges of
TCK. This type of reset does not affect the operation of the
system logic.
SHIFT–DR
EXIT1–IR
SELECT IR–SCAN
PAUSE–IR
TEST–LOGIC
RESET
EXIT1–DR
UPDATE–IR
CAPTURE–IR
SHIFT–IR
EXIT2–IR
0
RUN–TEST/
IDLE
1
PAUSE 2–DR
EXIT2–DR
PAUSE 1–DR
CAPTURE–DR
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
SELECT DR–SCAN
0
NOTE: The value adjacent to each state transition represents the signal present at TMS at the rising edge of TCK.
Figure 5. TAP Controller State Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com