công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C901AVC bảng dữ liệu(PDF) 66 Page - Advanced Micro Devices

tên linh kiện AM79C901AVC
Giải thích chi tiết về linh kiện  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC bảng dữ liệu(HTML) 66 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 68Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 69Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
66
Am79C901A
PR ELI M IN AR Y
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature (C). . . . . . . . . . -65
°C to +70°C
Ambient Temperature (I) . . . . . . . . . . -65
°C to +85°C
Supply Voltage
with respect to VSS . . . . . . . . . . . . . –0.3 V to 3.63 V
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Function-
ality at or above these limits is not implied. Exposure to
Absolute Maximum Ratings for extended periods may
affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) . . . . . . . . . . . . . . . . . .0
°C to +70°C
Supply Voltages (VDD) . . . . . . . . . . . . . 3.0 V to 3.6 V
All inputs within the range: . . . . . . VSS - 0.5 V to 5.5 V
Industrial (I) Devices
Temperature (TA) . . . . . . . . . . . . . . . . -40
°C to +85°C
Supply Voltages (VDD) . . . . . . . . . . . . . 3.0 V to 3.6 V
All inputs within the range: . . . . . . VSS - 0.5 V to 5.5 V
Operating ranges define those limits between which
the functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com