công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C901AVC bảng dữ liệu(PDF) 23 Page - Advanced Micro Devices

tên linh kiện AM79C901AVC
Giải thích chi tiết về linh kiện  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC bảng dữ liệu(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 19Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 21Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 22Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 23Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 24Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 25Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 26Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
Am79C901A
23
PR ELI M IN AR Y
Figure 2.
RXPKT - RXCRS Asserted
Figure 3.
RXPKT - RXCRS Cleared
TXCLK
TXEN
TXDAT
RXCLK
RXCRS
RXDAT
CLS
22304B-4
Note: RXCLK becomes disabled as soon as RXCRS is asserted.
TXCLK
TXEN
TXDAT
RXCLK
RXCRS
RXDAT
CLS
Note: RXCLK and TXCLK are unrelated to each other during this time. When a symbol has been received and
decoded, RXCLK toggles in order to shift out the three to six bits encoded in the symbol. The middle portion of
this diagram shows the end of the preamble, followed by an SFD and the beginning of the data. RXCRS will fall
after the last received symbol. Once RXCRS falls, RXCLK and TXCLK are toggled continuously for 96 cycles,
after which the PHY returns to the Idle state.
22304B-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90