công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C901AJC bảng dữ liệu(PDF) 45 Page - Advanced Micro Devices

tên linh kiện AM79C901AJC
Giải thích chi tiết về linh kiện  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AJC bảng dữ liệu(HTML) 45 Page - Advanced Micro Devices

Back Button AM79C901AJC Datasheet HTML 41Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 42Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 43Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 44Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 45Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 46Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 47Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 48Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Am79C901A
45
PR ELI M IN AR Y
HPR1: HomePNA PHY Status Register (Register 1)
Table 18.
HPR1: HomePNA PHY Status Register (Register 1)
Bits
Name
Description
Read/Write
Default
Value
(hex)
15
100BASE-T4
0 = PHY not able to perform 100BASE-T4
R0
14
100BASE-X Full-Duplex
0 = PHY not able to perform Full-Duplex
100BASE-X
R0
13
100BASE-X Half-Duplex
0 = PHY not able to perform Half-Duplex
100BASE-X
R0
12
10 Mbps Full-Duplex
0 = PHY not able to perform 10 Mbps in Full-Duplex
R0
11
10 Mbps Half-Duplex
1 = PHY able to perform 10 Mbps in Half-Duplex
R1
10:7
Reserved
Reads will produce undefined results
RX
6
Management Frame Preamble
Suppression
1 = PHY will accept management frames with
Preamble suppressed
0 = PHY will not accept management frames with
Preamble suppressed
R1
5
Auto-Negotiation Complete
1 = Auto-Negotiation completed
0 = Auto-Negotiation not completed
R0
4
Remote Fault
1 = Remote fault detected
0 = Normal operation
R0
3
Auto-Negotiation Ability
1 = PHY is able to perform Auto-Negotiation
0 = PHY is not able to perform Auto-Negotiation
R0
2
Link Status
1 = Link is up
0 = Link is down
This bit will be RESET (latched low and re-enabled
on Read).
R0
1
Jabber Detect
1 = Jabber condition detected
0 = Normal operation
R0
0
Extended Capability
1 = Extended Register capability
0 = Basic Register Set capability
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com