| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEA2016AAT/2 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA2016AAT/2 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 59 page ![]() NXP Semiconductors TEA2016AAT/2 Digital controller for high-efficiency resonant power supply 8 Functional description 8.1 Supply voltages The TEA2016AAT includes: • A high-voltage supply pin for start-up (DRAINPFC) • A general supply to be connected to an external auxiliary winding (SUPIC pin) • A floating supply for the high-side driver (SUPHS pin) 8.1.1 Start-up and supply voltage Initially, the capacitor on the SUPIC pin is charged via the DRAINPFC pin. The DRAINPFC pin is connected to the drain voltage of the PFC MOSFET. Internally, a high-voltage current source is located between the DRAINPFC and SUPIC pins (see Figure 3). aaa-026788 VALLEYDET Vovp(prot) OVP_PROT Vstart(SUPIC) I = lch(SUPIC) = f(temp) xcap discharge SUPIC DRAINPFC PFC Figure 3. HV start-up The maximum current of the internal current source is limited to Ich(SUPIC). To limit the IC dissipation, the charge current is reduced when the current source exceeds its maximum temperature (TSUPICcharger). When the SUPIC reaches the Vstart(SUPIC) level, it is continuously regulated to this start level with a hysteresis (Vstart(hys)SUPIC). It activates the current source between the DRAINPFC and SUPIC pins when the SUPIC voltage drops to below Vstart(SUPIC) − Vstart(hys)SUPIC. When it exceeds Vstart(SUPIC), it deactivates the switch. When the start level is reached, it reads the internal MTP (multi-time programmable memory) and defines the settings. When the SUPIC voltage drops to below its stop levels, the TEA2016AAT enters the no- supply state. It recharges the SUPIC pin to its start level via the DRAINPFC pin. During the no-supply state and the reading of the MTP, the LLC and PFC are disabled. When the settings have been defined, the PFC starts up. When the SNSBOOST reaches the minimum level Vstart(SNSBOOST), the LLC also starts switching (see Figure 4 and Figure 5). TEA2016AAT_2 All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 1 — 15 February 2023 7 / 59 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |