| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2-ICS20 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2-ICS20 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 25 page ![]() Philips Semiconductors Product Specification Rev. 3.1 February 2005 Functional Specification Standard Label IC SL2 ICS20 11 3.2.6 CONFIGURATION OF DELIVERED ICS I•CODE SLI ICs are delivered with the following configuration by Philips: • Unique Identifier is unique and read only • Write Access Conditions allow to change all blocks (with the exception of both UID blocks). • Status of EAS mode is not defined • AFI is supported and not defined • DSFID is supported and not defined • User Data memory is not defined NOTE: Due to the fact that the EAS mode is undefined at delivery, the EAS MODE shall be set (enable or disable) according to your application requirements during the test or initialisation phase. 3.3 Communication Principle For detailed description of the protocol and timing please refer to ISO/IEC 15693-2 (modulation, bit-coding, framing) and 15693-3 (anticollision, timing, protocol). 3.4 Supported Commands 3.4.1 MANDATORY COMMANDS 3.4.1.1 Inventory As defined in ISO/IEC 15693-3. 3.4.1.2 Stay quiet As defined in ISO/IEC 15693-3. 3.4.2 OPTIONAL COMMANDS 3.4.2.1 Read single block As defined in ISO/IEC 15693-3. Option 0 (option flag not set) is supported. Option 1 (option flag set) is supported. |