| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2-ICS20 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2-ICS20 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 25 page ![]() Philips Semiconductors Product Specification Rev. 3.1 February 2005 Functional Specification Standard Label IC SL2 ICS20 18 3.4.3.5 Lock EAS Command Code = A4 hex This command locks the current state of the EAS bit. Request format SOF Flags Lock EAS IC Mfg. code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits 16 bits Response format when Error_flag is set SOF Flags Error Code CRC16 EOF 8 bits 8 bits 16 bits Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits 3.4.3.6 EAS Alarm Command Code = A5 hex If the EAS bit is set to 1 the EAS response is returned from the I •CODE SLI IC Request format SOF Flags EAS IC Mfg. code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits 16 bits If an error is detected the I •CODE SLI IC remains silent Response format SOF Flags EAS sequence CRC16 EOF 8 bits 256 bits 16 bits |