công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IDT5V19EE604 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện IDT5V19EE604
Giải thích chi tiết về linh kiện  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT5V19EE604 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  IDT5V19EE604 Datasheet HTML 1Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 2Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 3Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 4Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 5Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 6Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 7Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 8Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DATASHEET
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE604
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
1
IDT5V19EE604
REV M 092412
Description
The IDT5V19EE604 is a programmable clock generator
intended for high performance data-communications,
telecommunications, consumer, and networking
applications. There are four internal PLLs, each individually
programmable, allowing for four unique non-integer-related
frequencies. The frequencies are generated from a single
reference clock. The reference clock can come from one of
the two redundant clock inputs. Automatic or manual
switchover function allows any one of the redundant clocks
to be selected during normal operation.
The IDT5V19EE604 is in-system, programmable and can
be programmed through the use of I2C interface. An
internal EEPROM allows the user to save and restore the
configuration of the device without having to reprogram it on
power-up.
Each of the four PLLs has an 7-bit reference divider and a
12-bit feedback divider. This allows the user to generate
four unique non-integer-related frequencies. The PLL loop
bandwidth is programmable to allow the user to tailor the
PLL response to the application. For instance, the user can
tune the PLL parameters to minimize jitter generation or to
maximize jitter attenuation. Spread spectrum generation
and/or fractional divides are allowed on two of the PLLs.
There are a total of five 8-bit output dividers.The outputs are
connected to the PLLs via a switch matrix. The switch
matrix allows the user to route the PLL outputs to any
output bank. This feature can be used to simplify and
optimize the board layout. In addition, each output's slew
rate and enable/disable function is programmable.
Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Fast (400kHz) mode I2C serial interface
• Input frequency range: 1 MHz to 200 MHz
• Output frequency range: 4.9 kHz to 200 MHz
• Reference crystal input with programmable linear load
capacitance
– Crystal frequency range: 8 MHz to 50 MHz
• Integrated VCXO
• Three independently controlled VDDO (1.8V - 3.3V)
• Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
• 8-bit output-divider blocks
• Fractional division capability on one PLL
• Two of the PLLs support spread spectrum generation
capability
• I/O Standards:
– Outputs - 1.8 - 3.3 V LVTTL/ LVCMOS
– Inputs - 3.3 V LVTTL/ LVCMOS
• Programmable slew rate control
• Programmable loop bandwidth
• Programmable output inversion to reduce bimodal jitter
• Redundant clock inputs with auto and manual switchover
options
• Individual output enable/disable
• Power-down mode
• 3.3V core VDD
• Available in VFQFPN package
• -40 to +85°C Industrial Temp operation


Số phần tương tự - IDT5V19EE604

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
More results

Mô tả tương tự - IDT5V19EE604

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE901 IDT-IDT5V19EE901 Datasheet
736Kb / 35P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE904 IDT-IDT5V19EE904 Datasheet
658Kb / 29P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE902 IDT-IDT5V19EE902 Datasheet
381Kb / 34P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE903 IDT-IDT5V19EE903 Datasheet
369Kb / 31P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE403 RENESAS-IDT5V19EE403 Datasheet
495Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
IDT5V19EE404 RENESAS-IDT5V19EE404 Datasheet
478Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE603 RENESAS-IDT5V19EE603 Datasheet
487Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE901 RENESAS-IDT5V19EE901 Datasheet
547Kb / 36P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE902 RENESAS-IDT5V19EE902 Datasheet
536Kb / 35P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com