| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC3085 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC3085 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 28 page ![]() Applications diagram STLC3085 20/28 4 Applications diagram Figure 7. Application Diagram with N-Channel Figure 8. Application Diagram with P-Channel ZAC RS ZA ZB CCOMP TX ZAC1 ZAC ZB TX CONTROL INTERFACE D0 D1 D2 BGND CVCC CAC CAC IREF RREF RSENSE VBAT RF1 CLK CREV CREV D04TL626 CSVR STLC3085 D0 D1 D2 DET DET ILTF RLIM RLIM RTH RTH CSVR RP TIP AGND VPOS VPOS CH RX RX RS 10RES 11RES CVCC GATE RF2 VF CLK RP RING TIP RING CVPOS RDD RD RD 8RES 9RES 12RES SYSTEM GND AGND BGND SUGGESTED GROUND LAY-OUT VDD CVB CSF RSF CRD PGND GAIN SET Q1 RSENSE T1 D1 CV N-ch CZ CZ PD PD ZAC RS ZA ZB CCOMP TX ZAC1 ZAC ZB TX CONTROL INTERFACE D0 D1 D2 BGND CVCC CAC CAC IREF RREF GATE VBAT P-ch Q1 RF1 CLK CREV CREV D01TL494A CSVR STLC3085 D0 D1 D2 DET DET ILTF RLIM RLIM RTH RTH CSVR RP TIP AGND VPOS VPOS CH RSENSE D1 RX RX RS 10RES 11RES CVCC RSENSE RF2 CV VF L CLK RP RING TIP RING CVPOS RDD RD RD 8RES 9RES 12RES SYSTEM GND AGND BGND SUGGESTED GROUND LAY-OUT VDD CVB CRD PGND GAIN SET PD PD |