công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2985IM5-3.2/NOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2985IM5-3.2/NOPB
Giải thích chi tiết về linh kiện  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.2/NOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LP2985IM5-3.2/NOPB Datasheet HTML 1Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 2Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 3Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 4Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 5Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 6Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 7Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 8Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VIN
Continuous input voltage range (for legacy chip)
–0.3
16
V
Continuous input voltage range (for new chip)
–0.3
18
VOUT
Output voltage range (for legacy chip)
–0.3
9
Output voltage range (for new chip)
–0.3
VIN + 0.3 or 9V (whichever
is smaller)
VBYPASS
BYPASS pin voltage range (for new chip)
–0.3
3
VON/OFF
ON/OFF pin voltage range (for legacy chip)
–0.3
16
ON/OFF pin voltage range (for new chip)
–0.3
18
Current
Maximum output
Internally limited
A
Temperature
Operating junction, TJ
–55
150
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltages with respect to GND.
6.2 ESD Ratings
VALUE
(Legacy
chip)
VALUE
(New
chip)
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
±3000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
±1000
(1)
JEDEC document JEP155 states that 2-kV HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 500-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply input voltage (for legacy chip)
2.2
16
V
Supply input voltage (for new chip)
2.5
16
VOUT
Output voltage (for legacy chip)
1.2
10.0
Output voltage (for new chip)
1.2
5.0
VBYPASS
Bypass voltage
1.2
VON/OFF
Enable voltage (for legacy chip)
0
VIN
Enable voltage (for new chip)
0
16
IOUT
Output current
0
150
mA
CIN (2) (1)
Input capacitor
1
μF
COUT
Output capacitor (for legacy chip)
2.2
4.7
μF
Output capacitance (for new chip) (1)
1
2.2
200
TJ
Operating junction temperature
–40
125
°C
(1)
All capacitor values are assumed to derate to 50% of the nominal capacitor value. Maintain an effective output capacitance of 1 μF
minimum for stability.
(2)
Minimum input capacitor of 2.2 μF is recquired if the source impedance is more than 0.5 Ω.
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com