| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF7021 bảng dữ liệu(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF7021 bảng dữ liệu(HTML) 34 Page - Analog Devices |
|
34 / 44 page ![]() ADF7021 Preliminary Technical Data Rev. PrI | Page 34 of 44 REGISTER 6—IF FINE CAL SETUP REGISTER IF CAL LOWER TONE DIVIDER IF CAL UPPER TONE DIVIDER IF CAL DWELL TIME ADDRESS BITS FC1 0 1 IF FINE CAL DISABLED ENABLED UT3 0 0 0 . . 1 UT1 1 0 1 . . 1 IF CAL UPPER TONE DIVIDE 1 2 3 . . UT2 0 1 1 . . 1 UT8 0 0 0 . . 1 ... ... ... ... ... ... ... 255 LT3 0 0 0 . . 1 LT1 1 0 1 . . 1 1 2 3 . . LT2 0 1 1 . . 1 LT8 0 0 0 . . 1 ... ... ... ... ... ... ... 255 IF CAL LOWER TONE DIVIDE CD3 0 0 0 . . 1 CD1 1 0 1 . . 1 IF CAL DWELL TIME 1 2 3 . . CD2 0 1 1 . . 1 CD7 0 0 0 . . 1 ... ... ... ... ... ... ... 127 Figure 38. Register 6—IF Fine Cal Setup Register Comments • A fine IF filter calibration is set by enabling the IF_FINE_CAL Bit (DB4). A fine calibration is then carried out only when Register 5 is written to and Bit R5_DB4 is set. • The IF upper and lower tones used during fine filter calibration should be set as follows: kHz 160 _ _ _ _ = DIVIDE TONE LOWER CAL IF XTAL kHz 220 _ _ _ _ = DIVIDE TONE UPPER CAL IF XTAL • The IF tone calibration time is the amount of time that is spent at an IF calibration tone. It is dependent upon the sequencer clock. It is recommended to have the IF_CAL_DWELL_TIME be at least 300 μs. CLK SEQ DWELL CAL IF Time n Calibratio Tone IF _ _ _ = The total time for a fine IF filter calibration is = IF Tone Calibration Time × 10. |