| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5920 bảng dữ liệu(PDF) 56 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 bảng dữ liệu(HTML) 56 Page - Applied Micro Circuits Corporation |
|
56 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 56 Data Book 1. The two most significant bits define bus width for BADR1:4 in Pass-Thru operation. (See S5920 Base Address Register Definition.) 2. Bits D3, D2 and D1 may be set to indicate other attributes for the memory space. Table 36. Base Address Register Response (Memory Assigned) to All-Ones Write Operation Response Size in Bytes nvRAM boot value1 00000000h none - disabled 00000000h or BIOS missing2 FFFFFFF0h 16 bytes (4 DWORDs) FFFFFFF0h FFFFFFE0h 32 bytes (8 DWORDs) FFFFFFE0h FFFFFFC0h 64 bytes (16 DWORDs) FFFFFFC0h FFFFFF80h 128 bytes (32 DWORDs) FFFFFF80h FFFFFF00h 256 bytes (64 DWORDs) FFFFFF00h FFFFFE00h 512 bytes (128 DWORDs) FFFFFE00h FFFFFC00h 1K bytes (256 DWORDs) FFFFFC00h FFFFF800h 2K bytes (512 DWORDs) FFFFF800h FFFFF000h 4K bytes (1K DWORDs) FFFFF000h FFFFE000h 8K bytes (2K DWORDs) FFFFE000h FFFFC000h 16K bytes (4K DWORDs) FFFFC000h FFFF8000h 32K bytes (8K DWORDs) FFFF8000h FFFF0000h 64K bytes (16K DWORDs) FFFF0000h FFFE0000h 128K bytes (32K DWORDs) FFFE0000h FFFC0000h 256K bytes (64K DWORDs) FFFC0000h FFF80000h 512K bytes (128K DWORDs) FFF80000h FFF00000h 1M bytes (256K DWORDs) FFF00000h FFE00000h 2M bytes (512K DWORDs) FFE00000h FFC00000h 4M bytes (1M DWORDs) FFC00000h FF800000h 8M bytes (2M DWORDs) FF800000h FF000000h 16M bytes (4M DWORDs) FF000000h FE000000h 32M bytes (8M DWORDs) FE000000h FC000000h 64M bytes (16M DWORDs) FC000000h F8000000h 128M bytes (32M DWORDs) F8000000h F0000000h 256M bytes (64M DWORDs) F0000000h E0000000h 512M bytes (128M DWORDs) E0000000h |