| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5920 bảng dữ liệu(PDF) 36 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 bảng dữ liệu(HTML) 36 Page - Applied Micro Circuits Corporation |
|
36 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 36 Data Book 31 DEVICE ID 24 23 16 15 8 7 00 04 08 0C 10 14 18 1C 20 24 28 2C 30 34 38 3C 00 VENDOR ID RESERVED = 0's REV ID CACHE LINE SIZE LATENCY TIMER BASE ADDRESS REGISTER #0 BASE ADDRESS REGISTER #1 BASE ADDRESS REGISTER #2 BASE ADDRESS REGISTER #3 BASE ADDRESS REGISTER #4 BASE ADDRESS REGISTER #5 HEADER TYPE BIST INTERRUPT LINE INTERRUPT PIN MIN_GNT MAX_LAT STATUS SUBSYSTEM ID EXPANSION ROM BASE ADDRESS RESERVED = 0's RESERVED = 0's SUBSYSTEM VENDOR ID CLASS CODE COMMAND LEGEND Note: Some registers are a combination of the above. See individual sections for full description. EPROM IS DATA SOURCE (READ ONLY) CONTROL FUNCTION EPROM INITIALIZED RAM (CAN BE ALTERED FROM PCI PORT) EPROM INITIALIZED RAM (CAN BE ALTERED FROM ADD-ON PORT) HARD-WIRED TO ZEROES PCI Configuration Space Header |