| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSFLK bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FSFLK bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 37 page ![]() Additional Support 8 Figure 4. Accelerometer Plus Magnetometer Plus Gyroscope Block Diagram 3 Additional Support Freescale Sensor Fusion Toolbox provides support for both Android and Windows operating systems. See Table for the differences between the two implementations. Table 3. Freescale Sensor Fusion Toolbox Features by Platform Feature Bluetooth wireless link Ethernet wireless link UART over USB OS requirements Support for native sensors Device View Panorama View Statistics View Canvas View Orientation XY Plots Inertial XY Plots Magnetics Kalman Altimeter XY Plots Data Logging Integrated documentation Freescale Sensor Fusion Library for Kinetis Freescale Accelerometer Plus Magnetometer Plus Gyroscope Block Diagram Additional Support Toolbox provides support for both Android and Windows operating systems. for the differences between the two implementations. escale Sensor Fusion Toolbox Features by Platform Android Requires BT on PC (built On WiGo board only — >=Android 4.0.3 >=Windows 7.0 — — — — — Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015 Freescale Semiconductor, Inc. Accelerometer Plus Magnetometer Plus Gyroscope Block Diagram Toolbox provides support for both Android and Windows operating systems. PC Requires BT on PC (built-in or dongle) — >=Windows 7.0 — — — — |