công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSFLK bảng dữ liệu(PDF) 23 Page - NXP Semiconductors

tên linh kiện FSFLK
Giải thích chi tiết về linh kiện  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK bảng dữ liệu(HTML) 23 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 19Page - NXP Semiconductors FSFLK Datasheet HTML 20Page - NXP Semiconductors FSFLK Datasheet HTML 21Page - NXP Semiconductors FSFLK Datasheet HTML 22Page - NXP Semiconductors FSFLK Datasheet HTML 23Page - NXP Semiconductors FSFLK Datasheet HTML 24Page - NXP Semiconductors FSFLK Datasheet HTML 25Page - NXP Semiconductors FSFLK Datasheet HTML 26Page - NXP Semiconductors FSFLK Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs
Freescale Semiconductor, Inc.
NOTE: Results that follow are simulated
nonlinearity and other factors. See Simulation Environments
to be improved from the 4.17 plots shown here.
4.8.2
Gyro Offset Step Response
Gyro Offset Step Response plots are shown in
Accelerometer+Gyro algorithms, respectively and provide an indication of the responsiveness of the
system to changes in gyro offsets. The simulation artificially introduces a step in the modeled gyro
offset. However, under normal circumstances, gy
change such as this would likely occur are:
• at powerup
• if the gyro has an autonomous offset cancellation circuit (which Freescale recommends be turned
OFF).
Figure 14. Gyro
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Results that follow are simulated build 4.17 using basic sensor models which include noise effects, but ignore
Simulation Environments for details. Build 5.00 dynamic performance is expected
to be improved from the 4.17 plots shown here.
Gyro Offset Step Response
Gyro Offset Step Response plots are shown in Figure 14 and Figure 15 for 9-axis and
Accelerometer+Gyro algorithms, respectively and provide an indication of the responsiveness of the
system to changes in gyro offsets. The simulation artificially introduces a step in the modeled gyro
offset. However, under normal circumstances, gyro offsets change very slowly. The only times that a
change such as this would likely occur are:
if the gyro has an autonomous offset cancellation circuit (which Freescale recommends be turned
Gyro Offset Step Response for 9-Axis algorithm
odels which include noise effects, but ignore
uild 5.00 dynamic performance is expected
axis and 6- axis
Accelerometer+Gyro algorithms, respectively and provide an indication of the responsiveness of the
system to changes in gyro offsets. The simulation artificially introduces a step in the modeled gyro
ro offsets change very slowly. The only times that a
if the gyro has an autonomous offset cancellation circuit (which Freescale recommends be turned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37