| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56366 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56366 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 110 page ![]() DSP56366 Technical Data, Rev. 3.1 Freescale Semiconductor 2-5 2.5.1 External Address Bus 2.5.2 External Data Bus 2.5.3 External Bus Control Table 2-5 External Address Bus Signals Signal Name Type State during Reset Signal Description A0–A17 Output Tri-stated Address Bus—When the DSP is the bus master, A0–A17 are active-high outputs that specify the address for external program and data memory accesses. Otherwise, the signals are tri-stated. To minimize power dissipation, A0–A17 do not change state when external memory spaces are not being accessed. Table 2-6 External Data Bus Signals Signal Name Type State during Reset Signal Description D0–D23 Input/Output Tri-stated Data Bus—When the DSP is the bus master, D0–D23 are active-high, bidirectional input/outputs that provide the bidirectional data bus for external program and data memory accesses. Otherwise, D0–D23 are tri-stated. Table 2-7 External Bus Control Signals Signal Name Type State during Reset Signal Description AA0–AA2/ RAS0–RAS2 Output Tri-stated Address Attribute or Row Address Strobe—When defined as AA, these signals can be used as chip selects or additional address lines. When defined as RAS, these signals can be used as RAS for DRAM interface. These signals are tri-statable outputs with programmable polarity. CAS Output Tri-stated Column Address Strobe— When the DSP is the bus master, CAS is an active-low output used by DRAM to strobe the column address. Otherwise, if the bus mastership enable (BME) bit in the DRAM control register is cleared, the signal is tri-stated. RD Output Tri-stated Read Enable—When the DSP is the bus master, RD is an active-low output that is asserted to read external memory on the data bus (D0-D23). Otherwise, RD is tri-stated. WR Output Tri-stated Write Enable—When the DSP is the bus master, WR is an active-low output that is asserted to write external memory on the data bus (D0-D23). Otherwise, WR is tri-stated. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |