công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56366 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện DSP56366
Giải thích chi tiết về linh kiện  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  DSP56366 Datasheet HTML 1Page - NXP Semiconductors DSP56366 Datasheet HTML 2Page - NXP Semiconductors DSP56366 Datasheet HTML 3Page - NXP Semiconductors DSP56366 Datasheet HTML 4Page - NXP Semiconductors DSP56366 Datasheet HTML 5Page - NXP Semiconductors DSP56366 Datasheet HTML 6Page - NXP Semiconductors DSP56366 Datasheet HTML 7Page - NXP Semiconductors DSP56366 Datasheet HTML 8Page - NXP Semiconductors DSP56366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
Overview
DSP56366 Technical Data, Rev. 3.1
1-4
Freescale Semiconductor
•
Serial Host Interface (SHI): SPI and I2C protocols, multi master capability, 10-word receive FIFO,
support for 8, 16 and 24-bit words.
•
Byte-wide parallel Host Interface (HDI08) with DMA support.
•
Triple Timer module (TEC).
•
Digital Audio Transmitter (DAX): 1 serial transmitter capable of supporting the SPDIF, IEC958,
CP-340 and AES/EBU digital audio formats.
•
Pins of unused peripherals (except SHI) may be programmed as GPIO lines.
1.1.5
Packaging
•
144-pin plastic LQFP package.
1.2
Documentation
Table 1-1 lists the documents that provide a complete description of the DSP56366 and are required to
design properly with the part. Documentation is available from a local Freescale distributor, a Freescale
semiconductor sales office, a Freescale Literature Distribution Center, or through the Freescale DSP home
page on the Internet (the source for the latest information).
Table 1-1 DSP56366 Documentation
Document Name
Description
Order Number
DSP56300 Family Manual
Detailed description of the 56300-family architecture and
the 24-bit core processor and instruction set
DSP56300FM
DSP56366 User’s Manual
Detailed description of memory, peripherals, and
interfaces
DSP56366UM
DSP56366 Product Brief
Brief description of the chip
DSP56366P
DSP56366 Technical Data Sheet
(this document)
Electrical and timing specifications; pin and package
descriptions
DSP56366
IBIS Model
Input Output Buffer Information Specification.
For software or simulation
models, contact sales or
go to www.freescale.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com