| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2985IM5-3.3 bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985IM5-3.3 bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 43 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-May-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2985AIM5X-3.1/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0PA Samples LP2985AIM5X-3.3/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0RA Samples LP2985AIM5X-3.6/M3 ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L0SA Samples LP2985AIM5X-3.6/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0SA Samples LP2985AIM5X-3.8/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0YA Samples LP2985AIM5X-4.0/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0TA Samples LP2985AIM5X-4.5/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LA7A Samples LP2985AIM5X-5.0/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0UA Samples LP2985AIM5X-6.1/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LF6A Samples LP2985IM5-2.5 NRND SOT-23 DBV 5 1000 Non-RoHS & Green Call TI Level-1-260C-UNLIM -40 to 125 LAUB LP2985IM5-2.5/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAUB Samples LP2985IM5-2.7/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM LALB LP2985IM5-2.8/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0KB Samples LP2985IM5-2.9/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAXB LP2985IM5-3.0/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0OB Samples LP2985IM5-3.1/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0PB Samples LP2985IM5-3.2/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0QB LP2985IM5-3.3 NRND SOT-23 DBV 5 1000 Non-RoHS & Green Call TI Level-1-260C-UNLIM -40 to 125 L0RB LP2985IM5-3.3/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L0RB Samples LP2985IM5-3.5/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAIB Samples LP2985IM5-3.6/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0SB Samples LP2985IM5-3.8/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0YB Samples Addendum-Page 2 |