| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2985IM5-3.3 bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985IM5-3.3 bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 43 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-May-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2985AIM5-2.5/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAUA Samples LP2985AIM5-2.7/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LALA LP2985AIM5-2.8/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0KA Samples LP2985AIM5-2.9/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAXA LP2985AIM5-3.0/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0OA Samples LP2985AIM5-3.1/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0PA LP2985AIM5-3.3 NRND SOT-23 DBV 5 1000 Non-RoHS & Green Call TI Level-1-260C-UNLIM -40 to 125 L0RA LP2985AIM5-3.3/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0RA Samples LP2985AIM5-3.6/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0SA Samples LP2985AIM5-3.8/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0YA Samples LP2985AIM5-4.0/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0TA Samples LP2985AIM5-4.5/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LA7A Samples LP2985AIM5-5.0 NRND SOT-23 DBV 5 1000 Non-RoHS & Green Call TI Level-1-260C-UNLIM -40 to 125 L0UA LP2985AIM5-5.0/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green Call TI | SN Level-1-260C-UNLIM -40 to 125 L0UA Samples LP2985AIM5-5.7/NOPB ACTIVE SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM LKTA Samples LP2985AIM5-6.1/NOPB LIFEBUY SOT-23 DBV 5 1000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LF6A LP2985AIM5X-2.5/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAUA Samples LP2985AIM5X-2.6/NOPB LIFEBUY SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LCEA LP2985AIM5X-2.8/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0KA Samples LP2985AIM5X-2.9/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LAXA Samples LP2985AIM5X-3.0/NOPB ACTIVE SOT-23 DBV 5 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L0OA Samples Addendum-Page 1 |