| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT-0095 bảng dữ liệu(PDF) 9 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
HT-0095 bảng dữ liệu(HTML) 9 Page - FCI connector |
|
9 / 18 page ![]() ELECTRONICS FCI Electronics Manual Part No. 415988-001 Issued: Date (03/12/99) Page 9 of 18 Rev. 05/07/01 ECR V10337 Revision B K\DCU\Manuals TROUBLESHOOTING The troubleshooting information provided in the following chart will help to isolate and identify crimping problems. Troubleshooting Chart, PV™ Receptacles Problem Possible Cause Corrective Action 1. Bellmouth(s) is deformed or improperly positioned on wire barrel. Terminal is not properly position in crimping area. Loosen the two 2-56 setscrews on the side of the anvil holder and reposition guide pins until proper bellmouth(s) is achieved. 2. Disconnect (box) portion of terminal is bent down. Terminal is sticking in wire barrel crimper Replace wire barrel crimpers 3. The sides of the terminal’s wire barrel are bent down. Wire barrel crimper is defective. Replace wire barrel crimpers 4. Flashings formed on the bottom of the wire barrel are unequal or abnormal. Anvil is worn or broken. Replace anvil 5. Insulation bulges between wire and insulation barrels. Wire is inserted too far into terminal. Position the end of the insulation so that it lies midway between the ends of the wire barrel and the insulation barrel. 6. Insulation bulges around insulation barrel. Wire size or insulation diameter is incorrect for the terminal being used. Refer to section “Specifications” for correct insulation diameter requirements. PDM: Rev:B Released STATUS: Printed: Dec 19, 2002 |