| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT-0095 bảng dữ liệu(PDF) 11 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
HT-0095 bảng dữ liệu(HTML) 11 Page - FCI connector |
|
11 / 18 page ![]() ELECTRONICS FCI Electronics Manual Part No. 415988-001 Issued: Date (03/12/99) Page 11 of 18 Rev. 05/07/01 ECR V10337 Revision B K\DCU\Manuals Anvil Installation NOTE: When replacing the anvils, be sure that the part numbers for the new anvils are the same as those being replaced. 1. Insert the 3/32-inch Allen wrench through the access hole in the adjustable tool holder and into the socket-head setscrew (see Figure 9). Then turn the setscrew 1/4-turn counterclockwise to unlock the adjusting collar. Figure 9 2. Insert the turned-down end of the 3/32-inch Allen wrench or a pin, approximately 1/16-inch in diameter, into one of the holes in the adjusting collar (see Figure 10). Then rotate the collar about 1/2-turn counterclockwise. Figure 10 3. Reinstall the anvil holder onto the hand and tighten the attaching cap screw. CAUTION To prevent the anvils from being damaged during alignment, place a piece of paper, plastic bag material, or cellophane over the anvils. PDM: Rev:B Released STATUS: Printed: Dec 19, 2002 |