công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC603 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện MPC603
Giải thích chi tiết về linh kiện  PowerPC™ 603 RISC Microprocessor Technical Summary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  MPC603 Datasheet HTML 1Page - NXP Semiconductors MPC603 Datasheet HTML 2Page - NXP Semiconductors MPC603 Datasheet HTML 3Page - NXP Semiconductors MPC603 Datasheet HTML 4Page - NXP Semiconductors MPC603 Datasheet HTML 5Page - NXP Semiconductors MPC603 Datasheet HTML 6Page - NXP Semiconductors MPC603 Datasheet HTML 7Page - NXP Semiconductors MPC603 Datasheet HTML 8Page - NXP Semiconductors MPC603 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
PowerPC 603 RISC Microprocessor Technical Summary
1.2 Block Diagram
Figure 1 provides a block diagram of the 603 that illustrates how the execution units—IU, FPU, BPU, LSU,
and SRU—operate independently and in parallel.
The 603 provides address translation and protection facilities, including an ITLB, DTLB, and instruction
and data BAT arrays. Instruction fetching and issuing is handled in the instruction unit. Translation of
addresses for cache or external memory accesses are handled by the MMUs. Both units are discussed in
more detail in Sections 1.3, “Instruction Unit,” and 1.5.1, “Memory Management Units (MMUs).”
1.3 Instruction Unit
As shown in Figure 1, the 603 instruction unit, which contains a fetch unit, instruction queue, dispatch unit,
and BPU, provides centralized control of instruction flow to the execution units. The instruction unit
determines the address of the next instruction to be fetched based on information from the sequential fetcher
and from the BPU.
The instruction unit fetches the instructions from the instruction cache into the instruction queue. The BPU
extracts branch instructions from the fetcher and uses static branch prediction on unresolved conditional
branches to allow the instruction unit to fetch instructions from a predicted target instruction stream while
a conditional branch is evaluated. The BPU folds out branch instructions for unconditional branches or
conditional branches unaffected by instructions in progress in the execution pipeline.
Instructions issued beyond a predicted branch do not complete execution until the branch is resolved,
preserving the programming model of sequential execution. If any of these instructions are to be executed
in the BPU, they are decoded but not issued. Instructions to be executed by the FPU, IU, LSU, and SRU are
issued and allowed to complete up to the register write-back stage. Write-back is allowed when a correctly
predicted branch is resolved, and instruction execution continues without interruption along the predicted
path.
If branch prediction is incorrect, the instruction unit flushes all predicted path instructions, and instructions
are issued from the correct path.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com