công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS54550PWPR bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS54550PWPR
Giải thích chi tiết về linh kiện  4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS54550PWPR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TPS54550PWPR Datasheet HTML 17Page - Texas Instruments TPS54550PWPR Datasheet HTML 18Page - Texas Instruments TPS54550PWPR Datasheet HTML 19Page - Texas Instruments TPS54550PWPR Datasheet HTML 20Page - Texas Instruments TPS54550PWPR Datasheet HTML 21Page - Texas Instruments TPS54550PWPR Datasheet HTML 22Page - Texas Instruments TPS54550PWPR Datasheet HTML 23Page - Texas Instruments TPS54550PWPR Datasheet HTML 24Page - Texas Instruments TPS54550PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
ƒ
Z1
1
2pR3C6
(19)
ƒ
Z2
1
2pR1C8
(20)
ƒ
P1
1
2pR5C8
(21)
ƒ
P2
1
2pR3C7
(22)
ƒ
INT
1
2pR1C6
(23)
ƒ
LC
1
2p LOUTCOUT
)
(17)
R2
R1
0.891
V
OUT )
0.891
(18)
TPS54550
SLVS623A – MARCH 2006 – REVISED APRIL 2006
of the SWIFT Designer Software for designs with
unusually high closed loop crossover frequencies, low
value, low ESR output capacitors such as ceramics
or if the designer is unsure about the design
procedure is recommended.
When designing compensation networks for the
TPS54550,
a
number
of
factors
need
to
be
considered. The gain of the compensated error
amplifier should not be limited by the open loop
Additionally there is a pole at the origin, which has
amplifier gain characteristics and should not produce
unity gain with the following frequency:
excessive gain at the switching frequency. Also, the
closed loop crossover frequency should be set less
than one fifth of the switching frequency, and the
phase margin at crossover must be greater than 45
This pole is used to set the overall gain of the
degrees.
The
general
procedure
outlined
here
compensated error amplifier and determines the
produces results consistent with these requirements
closed loop crossover frequency.
without going into great detail about the theory of loop
There are a number of popular ways to design Type
compensation.
3 compensation networks. The theory behind these
First calculate the output filter LC corner frequency
calculations is beyond the scope of this document. It
using equation Equation 17:
is always best to to use any calculated compensation
values as the basis for an initial design, and then
verify the actual closed loop response. The initial
values may then be adjusted to suit the individual
design requirements. The SWIFT software design
For the design example, fLC = 4315 Hz.
tool can also be used to provide an intial circuit
design.
The closed loop crossover frequency should be
greater than fLC and less than one fifth of the
In this circuit, the first compensation zero was set at
switching frequency. Also, the crossover frequency
approximately one half the LC corner frequency, with
should not exceed 50 kHz, as the error amplifier may
the second zero slightly below that to increase the
not provide the desired gain. For this design, a
phase gain prior to the double pole of the LC output
crossover frequency of 13 kHz was chosen. This
filter. At the LC corner frequency the overall phase
value
is
chosen
for
comparatively
wide
loop
response rapidly drops by 180 degrees, so it is
bandwidth while still allowing for adequate phase
imprtant to increase the initial phase of 90 degrees
boost to insure stability.
prior to the LC corner.
Next calculate the R2 resistor value for the output
The two compensation poles are set high enough to
voltage of 3.3 V using Equation 18:
to not cause loss of phase margin at the closed loop
cross over and low enough to not cause the error
amplifier gain to exceed the unity gain bandwidth limit
of the internal operational amplifier. The integrator
For any TPS54550 design, start with an R1 value of
frequency is then chasen to set the overall gain and
1.0 k
Ω. R2 is then 374 Ω.
crossover frequency.
Now the values for the compensation components
This
results
in
the
following
pole
and
zero
that set the poles and zeros of the compensation
frequencies:
network can be calculated. Assuming that R1 > R5
fZ1 = 2340 Hz
and C6 > C7, the pole and zero locations are given
by equations 19 through 22:
fZ2 = 1591 Hz
fP1 = 120 kHz
fP2 = 159 kHz
fINT = 234 Hz
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com