| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR14/D bảng dữ liệu(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR14/D bảng dữ liệu(HTML) 71 Page - NXP Semiconductors |
|
71 / 101 page ![]() DSP56001A Pin-out and Package Information MOTOROLA DSP56001A/D, Rev. 1 3-19 Figure 3-8 132-pin Ceramic Quad Flat Pack (CQFP) Mechanical Information B N L Y V U S M A L-N 0.10 TM L-N M 0.008 M T 4X 33 TIPS 3 PLACES VIEW AC 17 117 84 116 83 51 50 18 0.004 T SEATING PLANE VIEW AE W C E T 132X G X X=L, M OR N J1 J1 VIEW AC J D Z F PLATING BASE METAL M 0.005 T M L-N SECTION AD 132 PLACES NOTES: 1. ALLDIMENSIONSANDTOLERANCESCONFORMTO ASME Y14.5M, 1994. 2. DIMENSIONS IN INCHES. 3. DATUMS L, M AND N TO BE DETERMINED AT THE SEATING PLANE, DATUM T 4. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE, DATUM T 5. DIMENSIONS A AND B DEFINE MAXIMUM CERAMIC BODYDIMENSIONSINCLUDINGGLASSPROTRUSION AND TOP AND BOTTOM MISMATCH. DIM MIN MAX INCHES A 0.860 0.900 B 0.860 0.900 C 0.155 0.170 D 0.008 0.011 E 0.116 0.146 F 0.007 0.011 G 0.025 BSC J 0.005 0.007 K 0.020 0.030 R 0.008 REF S 1.080 BSC U 0.540 BSC V 1.080 BSC W 0.025 0.035 Y 1.080 BSC Z 0.004 0.005 AA 0.100 REF AB 0.030 REF θ 0 8 °° (AB) ( θ) θ (R) (R) K (AA) VIEW AE PIN 1 IDENT 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |