| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR14/D bảng dữ liệu(PDF) 57 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR14/D bảng dữ liệu(HTML) 57 Page - NXP Semiconductors |
|
57 / 101 page ![]() DSP56001A Pin-out and Package Information MOTOROLA DSP56001A/D, Rev. 1 3-5 Figure 3-4 Bottom View of the 132-pin Ceramic (FE) Quad Flat Package (Bottom View) nc H3/PB3 H2/PB2 nc H1/PB1 GNDH GNDH H0/PB0 nc RXD/PC0 TXD/PC1 SCLK/PC2 nc SC0/PC3 SCK/PC6 GNDQ GNDQ VCCQ VCCQ SC2/PC5 nc STD/PC8 SC1/PC4 nc SRD/PC7 BG/BS nc BR/WT WR RD X/Y DS nc nc PS A0 A1 GNDN GNDN A2 A3 nc A4 A5 nc VCCN VCCN A6 nc A7 A8 nc A9 A10 nc GNDN GNDN A11 A12 A13 nc A14 A15 D0 D1 nc 84 18 Orientation Mark Note: 1. “nc” are no connection pins that are reserved for possible future enhancements. Do not connect these pins to any power, ground, signal traces, or vias. 2. An OVERBAR indicates the signal is asserted when the voltage = ground (active low). 3. To simplify locating the pins, each fifth pin is shaded in the illustration. AA0901 (On Top Side) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |