công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA112P25M bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ISLA112P25M
Giải thích chi tiết về linh kiện  Low Power 12-Bit, 250MSPS ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISLA112P25M bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ISLA112P25M Datasheet HTML 2Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 3Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 4Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 5Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 6Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 7Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 8Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 9Page - Renesas Technology Corp ISLA112P25M Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ISLA112P25M
FN7646 Rev 1.00
Page 6 of 29
November 17, 2011
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
OVDD to OVSS. . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
72 Ld QFN Package (Note 2, 3) . . .
24
0.8
Storage Temperature. . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . -55°C to +125°C
Maximum Operating Junction Temperature. . . . . . . . +135°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
2. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
3. For JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -55°C to +125°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE =Maximum Conversion Rate (per
speed grade).
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS
DC SPECIFICATIONS (Note 5)
Analog Input
Full-Scale Analog Input Range
VFS
Differential
1.47
VP-P
Input Resistance
RIN
Differential
1000
Input Capacitance
CIN
Differential
1.8
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
90
ppm/°C
Input Offset Voltage
VOS
±2
mV
Gain Error
EG
±0.6
%
Common-Mode Output Voltage
VCM
535
mV
Clock Inputs
Inputs Common Mode Voltage
0.9
V
CLKP, CLKN Input Swing
1.8
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.8
V
1.8V Digital Supply Voltage
OVDD
1.8
V
1.8V Analog Supply Current
IAVDD
90
mA
1.8V Digital Supply Current (SDR) (Note 6)
I
OVDD
3mA LVDS
58
mA
1.8V Digital Supply Current (DDR) (Note 6)
I
OVDD
3mA LVDS
39
mA
Power Supply Rejection Ratio
PSRR
30MHz, 200mVP-P signal on AVDD
-36
dB
Total Power Dissipation
Normal Mode (SDR)
PD
3mA LVDS
267
mW
Normal Mode (DDR)
PD
3mA LVDS
234
mW
Nap Mode
PD
84
mW
Sleep Mode
PD
CSB at logic high
2
mW
Nap Mode Wakeup Time (Note 7)
Sample Clock Running
1
µs
Sleep Mode Wakeup Time (Note 7)
Sample Clock Running
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com