công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL71026MEVAL1Z bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp

tên linh kiện ISL71026MEVAL1Z
Giải thích chi tiết về linh kiện  3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71026MEVAL1Z bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71026MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
FN8915 Rev.1.00
Page 21 of 32
March 26, 2018
ISL71026M
6. Radiation Tolerance
6.
Radiation Tolerance
The ISL71026M is a radiation tolerant device for commercial space applications, Low Earth Orbit (LEO)
applications, high altitude avionics, launch vehicles, and other harsh environments. This device’s response to Total
Ionizing Dose (TID) radiation effects and Single-Event Effects (SEE) has been measured, characterized, and
reported in the following sections. However, TID performance is not guaranteed through radiation acceptance
testing, nor is the SEE characterized performance guaranteed.
6.1
Total Ionizing Dose (TID) Testing
6.1.1
Introduction
This test was conducted to determine the sensitivity of the part to the total dose environment. Down points were
0krad(Si), 10krad(Si), 20krad(Si), and 30krad(Si). The irradiations were followed by a biased anneal for 168
hours at +100°C.
Total dose testing was performed using a Hopewell Designs N40 panoramic 60Co irradiator. The irradiations
were performed at 0.00875rad(Si)/s. A PbAl box was used to shield the test fixture and devices under test
against low energy secondary gamma radiation.
The characterization matrix consisted of 30 samples irradiated under bias and 30 samples irradiated with all
pins grounded. Six control units were used to ensure repeatable data. Three different wafers were used. The bias
configuration is shown in Figure 50.
All electrical testing was performed outside the irradiator using the production Automated Test Equipment
(ATE), with data logging at each down point (including anneal). Downpoint electrical testing was performed at
room temperature.
Figure 50. Irradiation Bias Configuration and Power Supply Sequencing for the ISL71026M
Power On - One Supply Voltage
D
GND
VCC
R
RS
CANH
CANL
LBK
DUT
VCC = 3.6V, +0.25V -0.0V
8
7
6
5
1
2
3
4
R2
R3
TP1
TP2
TP3
TP4
GND
VCC
(14)
(13)
(12)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com