công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL71026MEVAL1Z bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL71026MEVAL1Z
Giải thích chi tiết về linh kiện  3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71026MEVAL1Z bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL71026MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
FN8915 Rev.1.00
Page 4 of 32
March 26, 2018
ISL71026M
2. Specifications
2.
Specifications
2.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may
adversely impact product reliability and result in failures not covered by warranty.
2.2
Outgas Testing
2.3
Thermal Information
Parameter
Minimum
Maximum
Unit
VCC to GND
-0.3V
5.5
V
CANH, CANL, VREF
±20
V
I/O Voltages D, R, RS
-0.5
7
V
Receiver Output Current
-10
10
mA
Output Short-Circuit Duration
Continuous
ESD Rating
Value
Unit
Human Body Model (Tested per JS-001-2014)
5
kV
Charged Device Model (Tested per JS-002-2014)
2
kV
Machine Model (Tested per JESD22-A115-C)
300
V
Latch-up (Tested per JESD-78E; Class 2, Level A) at +125°C
100
mA
Specification (Tested per ASTM E 595, 1.5)
Value
Unit
Total Mass Lost (Note 4)
0.06
%
Collected Volatile Condensible Material (Note 4)
<0.01
%
Water Vapor Recovered
0.03
%
Note:
4. Results meet NASA low outgassing requirements of “Total Mass Lost” of <1% and “Collected Volatile Condensible Material” of
<0.1%.
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
14 Ld TSSOP Package (Notes 5, 6)92
30
Notes:
5.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379.
6. For
JC, the “case temp” location is taken at the package top center.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+150
°C
Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
Refer to TB493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com