công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68SC302 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện M68SC302
Giải thích chi tiết về linh kiện  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

M68SC302 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

  M68SC302 Datasheet HTML 1Page - NXP Semiconductors M68SC302 Datasheet HTML 2Page - NXP Semiconductors M68SC302 Datasheet HTML 3Page - NXP Semiconductors M68SC302 Datasheet HTML 4Page - NXP Semiconductors M68SC302 Datasheet HTML 5Page - NXP Semiconductors M68SC302 Datasheet HTML 6Page - NXP Semiconductors M68SC302 Datasheet HTML 7Page - NXP Semiconductors M68SC302 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC68SC302 PRODUCT INFORMATION
MC68SC302 APPLICATION DEVELOPMENT SYSTEM
The MC68SC302 Application Development System (ADS) is a platform for developing a passive terminal
adaptor using the MC68SC302. In addition to being an ISA half-card form factor plug-in card, the MC68SC302
can also be plugged into a PC card slot for development of PC card applications. The board includes both an
MC145572 U interface transceiver and an MC145574 S/T interface transceiver along with the associated line
interface circuitry. A 128-pin expansion connector is onboard for customer specific circuits such as a POTs
interface or a modem datapump. Logic analyzer connectors provide convenient access to ISA and PCMCIA
bus signals. Figure 6 shows the ADS block diagram.
Figure 6. ADS Block Diagram
MC68SC302
2 WIRE
U INTERFACE
4 WIRE
S/T INTERFACE
FREESCALE MC145574
S/T INTERFACE,
LOGIC
ANALYZER
CONNECTORS
FREESCALE MC145572
U INTERFACE
IDL/GCI
SCP
128-PIN EXPANSION
CONNECTOR
CIS/PnP
EEPROM
X25080
SOCKET
SCP
ISA BUS
CONNECTOR
PCMCIA BUS
CONNECTOR
CIS/PnP
EEPROM
ST95020
SOCKET
CIS/PnP
EEPROM
93C46
SOCKET
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8