công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68SC302 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện M68SC302
Giải thích chi tiết về linh kiện  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

M68SC302 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  M68SC302 Datasheet HTML 1Page - NXP Semiconductors M68SC302 Datasheet HTML 2Page - NXP Semiconductors M68SC302 Datasheet HTML 3Page - NXP Semiconductors M68SC302 Datasheet HTML 4Page - NXP Semiconductors M68SC302 Datasheet HTML 5Page - NXP Semiconductors M68SC302 Datasheet HTML 6Page - NXP Semiconductors M68SC302 Datasheet HTML 7Page - NXP Semiconductors M68SC302 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC68SC302 PRODUCT INFORMATION
Figure 2. Passive NT Terminal Adaptor Block Diagram
Figure 3 shows a basic rate terminal adaptor with the 4-wire S/T interface. This architecture is almost identical
to the U interface TA with the exception that the TA clock source is provided to the S/T transceiver from the
MC68SC302.
Figure 3. Passive TE Terminal Adaptor Block Diagram with S/T Interface
Figure 4 shows a more full featured terminal adaptor. The two added features are the “Plain Old Telephone”
(POTs) interface and a optional modem datapump. Up to two POTs interfaces can be added on the board to
support simultaneous B channel voice call. The ISA interface provides a separate chip select for an external
data pump which uses an MC145480 to produce an 8khz PCM output that can be directly connected to the
IDL or GCI bus.
MC68SC302
145572 U
I/F
LINE I/F
IDL OR GCI BUS
SERIAL
EEPROM
ISA BUS
20.048 MHZ CLOCK
20.048 MHZ
MC68SC302
145574 S/T
I/F
LINE I/F
IDL OR GCI BUS
SERIAL
EEPROM
ISA BUS
15.36 MHZ CLOCK
15.36 MHZ
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8