công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC705MC4MP bảng dữ liệu(PDF) 83 Page - NXP Semiconductors

tên linh kiện MC68HC705MC4MP
Giải thích chi tiết về linh kiện  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC705MC4MP bảng dữ liệu(HTML) 83 Page - NXP Semiconductors

Back Button MC68HC705MC4MP Datasheet HTML 79Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 80Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 81Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 82Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 83Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 84Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 85Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 86Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 180 page
background image
16-Bit Timer
Timer
General Release Specification
16-Bit Timer
The timer registers and alternate counter registers can be read at any
time without affecting their values. However, the alternate counter
registers differ from the timer registers in one respect: a read of the timer
register LSB can clear the timer overflow flag (TOF). Therefore, the
alternate counter registers can be read at any time without the possibility
of missing timer overflow interrupts due to clearing of the TOF. See
Figure 9-4.
The free-running counter is initialized to $FFFC during reset and is a
read-only register.
Figure 9-4. State Timing Diagram for Timer Overflow
$FFFF
$0001
$0002
$0000
INTERNAL
TIMER
T00
T01
T10
T11
OVERFLOW
16-BIT
FLAG (TOF)
BUS CLOCK
CLOCKS
COUNTER
NOTE:
The TOF bit is set at timer state T11 (transition of counter from $FFFF to $0000). It is cleared by read-
ing the timer status register (TSR) during the high portion of the internal clock followed by reading the
LSB of the counter register pair (TMRL).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com