| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC705MC4MP bảng dữ liệu(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP bảng dữ liệu(HTML) 53 Page - NXP Semiconductors |
|
53 / 180 page ![]() General Release Specification Operating Modes General Release Specification — MC68HC705MC4 Section 6. Operating Modes 6.1 Contents 6.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53 6.3 User Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54 6.4 Bootloader Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55 6.4.1 Bootloader Functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55 6.4.2 EPROM Programming Register . . . . . . . . . . . . . . . . . . . . .59 6.4.3 Mask Option Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 6.5 Low-Power Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 6.6 WAIT Instruction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .62 6.7 COP Watchdog Timer Considerations . . . . . . . . . . . . . . . . . . .62 6.2 Introduction The MC68HC705MC4 has two modes of operation that affect the pinout and architecture of the MCU: user mode and bootloader (EPROM self-programming) mode. The user mode normally will be used, and the bootloader mode is required for the special needs of EPROM programming. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |