| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZSPM2000 bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSPM2000 bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp |
|
27 / 43 page ![]() ZSPM2000 Datasheet © 2016 Integrated Device Technology, Inc. 27 January 27, 2016 PMBus™ Parameter Description Data Format Classification Temperature - External OT_FAULT_LIMIT Over-temperature fault level N/A OTP OT_FAULT_RESPONSE Over-temperature fault response N/A OTP OT_WARN_LIMIT Over-temperature warning level N/A OTP Temperature - Internal IOT_FAULT_LIMIT Over-temperature fault level N/A OTP IOT_FAULT_RESPONSE Over-temperature fault response N/A OTP IOT_WARN_LIMIT Over-temperature warning level N/A OTP Input Voltage VIN_OV_FAULT_LIMIT Over-voltage fault limit N/A OTP VIN_OV_FAULT_RESPONSE Over-voltage fault response N/A OTP VIN_OV_WARN_LIMIT Over-voltage warning level N/A OTP VIN_UV_WARN_LIMIT Under-voltage warning level N/A OTP VIN_UV_FAULT_LIMIT Under-voltage fault level N/A OTP VIN_UV_FAULT_RESPONSE Under-voltage fault response N/A OTP Start-up Behavior / Power Sequencing POWER_GOOD_ON Power good on threshold N/A OTP POWER_GOOD_OFF Power good off threshold N/A OTP Output Voltage Sequencing TON_DELAY Turn-on delay N/A OTP TON_RISE Turn-on rise time N/A OTP TON_FAULT_MAX Turn-on maximum fault time N/A OTP TOFF_DELAY Turn-off delay N/A OTP TOFF_FALL Turn-off fall time N/A OTP TOFF_WARN_MAX Turn-off maximum warning time N/A OTP VOFF_NOM Soft-stop off value N/A OTP Notes: 1. VOUT_MODE is read-only for this device. The ZSPM2000 supports the LINEAR data format according to the PMBus™ specification. Note that in accordance with the PMBus™ specification, all commands related to the output voltage are subject to the VOUT_MODE settings. Note that VOUT_MODE is read-only for the ZSPM2000. |