| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZSPM2000 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSPM2000 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 43 page ![]() ZSPM2000 Datasheet © 2016 Integrated Device Technology, Inc. 32 January 27, 2016 4.7.9. STATUS_IOUT Command STATUS_IOUT (7BHEX, read only) Bits Name Description [0] Not supported. [1] Not supported. [2] Not supported. [3] Not supported. [4] Not supported. [5] IOUT_OC_WARN An over-current warning has occurred. [6] ICOUT_OC_LV_FLT An over-current low-voltage shutdown fault has occurred. [7] IOUT_OC_FLT An over-current fault has occurred. 4.7.10. STATUS_INPUT Command STATUS_INPUT (7CHEX, read only) Bits Name Description [0] Not supported. [1] Not supported. [2] Not supported. [3] Not supported. [4] VIN_UV_FLT An input voltage under-voltage fault has occurred. [5] VIN_UV_WARN An input voltage under-voltage warning has occurred. [6] VIN_OV_WARN An input voltage over-voltage warning has occurred. [7] VIN_OV_FLT An input voltage over-voltage fault has occurred. 4.7.11. STATUS_TEMPERATURE Command STATUS_TEMPERATURE (7DHEX, read only) Bits Name Description [0] Not supported. [1] Not supported. [2] Not supported. [3] Not supported. [4] Not supported. [5] Not supported. [6] TEMP_OV_WARN An (external) over-temperature warning has occurred. [7] TEMP_OV_FLT An (external) over-temperature fault has occurred. |