công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8XLB0IEC bảng dữ liệu(PDF) 36 Page - NXP Semiconductors

tên linh kiện IMX8XLB0IEC
Giải thích chi tiết về linh kiện  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8XLB0IEC bảng dữ liệu(HTML) 36 Page - NXP Semiconductors

Back Button IMX8XLB0IEC Datasheet HTML 32Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 33Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 34Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 35Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 36Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 37Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 38Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 39Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
3.6.1 I/O Overshoot and Undershoot Parameters
For all inputs/outputs, maximum peak amplitude allowed for overshoot and undershoot
is specified in Table 26. OVDD is the I/O Supply.
NOTE
If a signal edge produces more than one overshoot/undershoot
event, the sum of all areas following the transition must be
less than the area specified.
Table 26. Overshoot and Undershoot Parameters
Parameter
Symbol
Min
Max
Units
Amplitude above
OVDD or below GND
VPeak
—
0.35
V
Area above OVDD or
below GND (A + B)
VArea
—
0.8
V-ns
Overshoot/undershoot must be controlled through printed circuit board layout,
transmission line impedance matching, signal line termination, and other methods.
Noncompliance to this specification may affect device reliability or cause permanent
damage to the device.
VPEAK
A
B
Figure 7. Undershoot Waveform Example
3.6.2 Input Signal Monotonic Requirements
Processor input signal monotonic requirements are illustrated in the following figure.
Electrical characteristics
36
i.MX 8XLite Industrial Applications Processors, Rev. 2, 03/2023
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com