công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8XLB0IEC bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện IMX8XLB0IEC
Giải thích chi tiết về linh kiện  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8XLB0IEC bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button IMX8XLB0IEC Datasheet HTML 17Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 18Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 19Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 20Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 21Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 22Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 23Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 24Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
• Prevention of the device from booting
• Irreversible damage to the processor
3.2.1 Power-up sequence
The device has the following power-up sequence requirements:
• Supply group 0 (SNVS) must be powered first. The supply on the 1p8v cap after
the LDO needs to be above minimum supply before this can be considered active.
It is expected that group 0 will typically remain always on after the first power-
on. If its wished to power off this supply then it needs to be entirely powered off
before a reset. Refer to the Power-down sequence .
• Supply group 1 (MAIN, VDD_ANA0_1P8 and VDD_ANA1_1P8) and group 0
must both be powered to their nominal values prior to boot. They must power up
after or simultaneously with group 0.
• Supply group 2 (MEMC, I/O’s and DDR interface) consists of those modules
required to start the boot process by accessing external storage devices. These
must be fully powered prior to POR release if booting from any device. For
8XLite, the DB is in VDD_MEMC so nothing can boot without it. They must
power up after or simultaneously with group 1.
• Supply group 3 consists of the remaining portions of the SoC. This includes
nonboot I/O voltages and supplies for the major computational units. These can
be sequenced in any order and as required to perform the desired functions for the
intended application. They must power up after or simultaneously with group 2.
Note
The definition of "power-up" refers to a stable voltage
operating within the range defined in Table 5. This should
be taken into consideration, along with the different
capacitive loading on each rail, if considering simultaneous
switch-on of the different supply groups.
3.2.2 Power-down sequence
The device processor has the following power-down sequence requirements:
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 2, 03/2023
21
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com