công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS70 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BAS70
Giải thích chi tiết về linh kiện  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BAS70 Datasheet HTML 1Page - NXP Semiconductors BAS70 Datasheet HTML 2Page - NXP Semiconductors BAS70 Datasheet HTML 3Page - NXP Semiconductors BAS70 Datasheet HTML 4Page - NXP Semiconductors BAS70 Datasheet HTML 5Page - NXP Semiconductors BAS70 Datasheet HTML 6Page - NXP Semiconductors BAS70 Datasheet HTML 7Page - NXP Semiconductors BAS70 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Jun 01
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAS70 series
FEATURES
• Low forward current
• High breakdown voltage
• Guard ring protected
• Small plastic SMD package
• Low diode capacitance.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits.
DESCRIPTION
Planar Schottky barrier diodes with an
integrated guard ring for stress
protection. Single diodes and double
diodes with different pinning are
available.
The diodes BAS70, BAS70-04,
BAS70-05 and BAS70-06 are
encapsulated in a SOT23 small
plastic SMD package. The BAS70-07
is encapsulated in a SOT143B small
plastic SMD package.
PINNING
PIN
DESCRIPTION
SOT23
SOT143B
BAS70
(see Fig.1b)
BAS70-04
(see Fig.1c)
BAS70-05
(see Fig.1d)
BAS70-06
(see Fig.1e)
BAS70-07
(see Fig.2)
1a1
a1
a1
k1
k1
2
n.c.
k2
a2
k2
k2
3k1
k1,a2
k1,k2
a1,a2
a2
4
−−−−
a1
Fig.1 Simplified outline (SOT23) and symbols.
d. BAS70-05.
e. BAS70-06.
b. BAS70 single diode.
a. Simplified outline SOT23.
c. BAS70-04
handbook, 2 columns
2
1
3
MGC482
Top view
handbook, 2 columns
1
3
2
n.c.
MGC483
handbook, 2 columns
MGC484
12
3
handbook, 2 columns
MGC485
12
3
handbook, 2 columns
MGC486
12
3
Fig.2 Simplified outline (SOT143B) BAS70-07 and symbol.
handbook, halfpage 43
2
1
Top view
MAM194
2
3
4
1
MARKING
Note
1.
∗ = -: Made in Hong Kong.
∗ = t: Made in Malaysia.
TYPE NUMBER
MARKING
CODE(1)
BAS70
73p
∗
BAS70-04
74p
∗
BAS70-05
75p
∗
BAS70-06
76p
∗
BAS70-07
77p



Html Pages

1 2 3 4 5 6 7 8