| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS1301FUG/AM bảng dữ liệu(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS1301FUG/AM bảng dữ liệu(HTML) 16 Page - NXP Semiconductors |
|
16 / 44 page ![]() 184430 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 3.0 — 18 March 2010 184430 16 of 44 NXP Semiconductors HITAG µ ISO 18000 transponder IC 11.3.2 RWD receives no HITAG µ ISO 18000 transponder IC response During an inventory process, when the RWD has received no HITAG µ ISO 18000 transponder IC response, it needs to wait TFp3 before sending a subsequent EOF to switch to the next slot, if a 16 slot anticollision request is processed, or sending a subsequent request (which could be again an inventory request). TFp3 starts from the time the RWD has generated the falling edge of the last sent EOF. The minimum value of TFp3 is TFp3min = TFp1max + TFpSOF. TFpSOF is the time duration for a HITAG µ ISO 18000 transponder IC to transmit an SOF to the RWD. [1] TC...Carrier period time (1/125kHz = 8 μs nominal) Fig 10. Protocol timing diagram without HITAG µ ISO 18000 transponder IC response Table 7. Overview timing parameters [1] Symbol Min Max TFpSOF 3 × TFd 3 × TFd TFp1 204 × TC 213 × TC TFp2 150 × TC - TFp3 TFp1max + TFpSOF - 001aaj834 carrier on request no response request (or EOF) carrier off load off load on HITAG μ reader TFpSOF TFp3 TFp1MAX |