| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 126 page ![]() Device User Guide — 9S12KT256DGV1/D V01.09 49 Freescale Semiconductor $028B CAN4IDAC Read: 0 0 IDAM1 IDAM0 0 IDHIT2 IDHIT1 IDHIT0 Write: $028C Reserved Read: 0 0 0 0 0 0 0 0 Write: $028D Reserved Read: 0 0 0 0 0 0 0 0 Write: $028E CAN4RXERR Read: RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0 Write: $028F CAN4TXERR Read: TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0 Write: $0290 CAN4IDAR0 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0291 CAN4IDAR1 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0292 CAN4IDAR2 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0293 CAN4IDAR3 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0294 CAN4IDMR0 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0295 CAN4IDMR1 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0296 CAN4IDMR2 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0297 CAN4IDMR3 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0298 CAN4IDAR4 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0299 CAN4IDAR5 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $029A CAN4IDAR6 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $029B CAN4IDAR7 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $029C CAN4IDMR4 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $029D CAN4IDMR5 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $029E CAN4IDMR6 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $029F CAN4IDMR7 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $02A0 - $02AF CAN4RXFG Read: FOREGROUND RECEIVE BUFFER see (Table 1-3) Write: $02B0 - $02BF CAN4TXFG Read: FOREGROUND TRANSMIT BUFFER see (Table 1-3) Write: $0280 - $02BF CAN4 (Motorola Scalable CAN - MSCAN) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |