| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 32 Page - NXP Semiconductors |
|
32 / 126 page ![]() Device User Guide — 9S12KT256DGV1/D V01.09 32 Freescale Semiconductor $0054 TC2 (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0055 TC2 (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0056 TC3 (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0057 TC3 (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0058 TC4 (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0059 TC4 (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $005A TC5 (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $005B TC5 (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $005C TC6 (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $005D TC6 (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $005E TC7 (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $005F TC7 (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0060 PACTL Read: 0 PAEN PAMOD PEDGE CLK1 CLK0 PAOVI PAI Write: $0061 PAFLG Read: 0 0 0 0 0 0 PAOVF PAIF Write: $0062 PACNT (hi) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0063 PACNT (lo) Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0064 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0065 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0066 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0067 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0068 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0069 Reserved Read: 0 0 0 0 0 0 0 0 Write: $006A Reserved Read: 0 0 0 0 0 0 0 0 Write: $006B Reserved Read: 0 0 0 0 0 0 0 0 Write: $006C Reserved Read: 0 0 0 0 0 0 0 0 Write: $0040 - $006F TIM (Timer 16 Bit 8 Channels) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |