| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D87C58 bảng dữ liệu(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
D87C58 bảng dữ liệu(HTML) 3 Page - Intel Corporation |
|
3 / 23 page ![]() 8XC525458 PROCESS INFORMATION This device is manufactured on P6290 a CHMOS III-E process Additional process and reliability infor- mation is available in Intel’s Components Quality and Reliability Handbook Order No 210997 PACKAGES Part Prefix Package Type 8XC5X P 40-Pin Plastic DIP (OTP) 87C5X D 40-Pin CERDIP (EPROM) 8XC5X N 44-Pin PLCC (OTP) 8XC5X S 44-Pin QFP (OTP) 272336 – 2 DIP 272336 – 3 PLCC 272336 – 4 Do not connect reserved pins QFP Figure 2 Pin Connections 3 |