| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D87C58 bảng dữ liệu(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
D87C58 bảng dữ liệu(HTML) 1 Page - Intel Corporation |
|
1 / 23 page ![]() Other brands and names are the property of their respective owners Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata March 1996 COPYRIGHT INTEL CORPORATION 1996 Order Number 272336-004 8XC525458 CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER CommercialExpress 87C5280C5280C3287C5480C5487C5880C58 See Table 1 for Proliferation Options Y High Performance CHMOS EPROM ROMCPU Y 122433 MHz Operations Y Three 16-Bit TimerCounters Y Programmable Clock Out Y UpDown TimerCounter Y Three Level Program Lock System Y 8K16K32K On-Chip Program Memory Y 256 Bytes of On-Chip Data RAM Y Improved Quick Pulse Programming Algorithm Y Boolean Processor Y 32 Programmable IO Lines Y 6 Interrupt Sources Y Programmable Serial Channel with Framing Error Detection Automatic Address Recognition Y TTL and CMOS Compatible Logic Levels Y 64K External Program Memory Space Y 64K External Data Memory Space Y MCS 51 Microcontroller Compatible Instruction Set Y Power Saving Idle and Power Down Modes Y ONCE (On-Circuit Emulation) Mode Y Four-Level Interrupt Priority Y Extended Temperature Range Except for 33 MHz Offering (b40 Cto a85 C) MEMORY ORGANIZATION ROM EPROM ROMless ROMEPROM RAM Device Version Version Bytes Bytes 80C52 87C52 80C32 8K 256 80C54 87C54 80C32 16K 256 80C58 87C58 80C32 32K 256 These devices can address up to 64 Kbytes of external programdata memory The Intel 8XC528XC548XC58 is a single-chip control-oriented microcontroller which is fabricated on Intel’s reliable CHMOS III-E technology Being a member of the MCS 51 family of controllers the 8XC528XC54 8XC58 uses the same powerful instruction set has the same architecture and is pin-for-pin compatible with the existing MCS 51 family of products The 8XC528XC548XC58 is an enhanced version of the 87C5180C51BH80C31BH The added features make it an even more powerful microcontroller for applica- tions that require clock output and updown counting capabilities such as motor control It also has a more versatile serial channel that facilitates multi-processor communications Throughout this document 8XC5X will refer to the 8XC52 80C32 8XC54 and 8XC58 unless information applies to a specific device |
Số phần tương tự - D87C58 |
|
Mô tả tương tự - D87C58 |