công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP2500 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện HIP2500
Giải thích chi tiết về linh kiện  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2500 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  HIP2500 Datasheet HTML 1Page - Renesas Technology Corp HIP2500 Datasheet HTML 2Page - Renesas Technology Corp HIP2500 Datasheet HTML 3Page - Renesas Technology Corp HIP2500 Datasheet HTML 4Page - Renesas Technology Corp HIP2500 Datasheet HTML 5Page - Renesas Technology Corp HIP2500 Datasheet HTML 6Page - Renesas Technology Corp HIP2500 Datasheet HTML 7Page - Renesas Technology Corp HIP2500 Datasheet HTML 8Page - Renesas Technology Corp HIP2500 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HIP2500
Absolute Maximum Ratings Full Temperature Range Unless
Otherwise Noted, All Voltages Referenced to VSS Unless Otherwise Noted.
Thermal Information
Floating Supply Voltage, VB . . . . . . . . . . . . . . .VS-0.5V to VS+18.0V
(Positive Terminal)
Floating Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
(Common Terminal)
High Side Channel Output Voltage, VHO . . . . . . . . -0.5V to VB+0.5V
Fixed Supply Voltage, VCC. . . . . . . . . . . . . . . . . . . . . -0.5V to 18.0V
Low Side Channel Output Voltage, VLO . . . . . . . .-0.5V to VCC+0.5V
Logic Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . -0.5V to 18.0V
Logic Input Voltage, VIN . . . . . . . . . . . . . . . . . . . .-0.5V to VDD+0.5V
[HIN, LIN & SD (Shutdown)]
VDD to COM and VCC to VSS Voltage. . . . . . . . . . . . . -0.5V to 18.0V
Thermal Resistance (Note 1, Typical)
θJA
HIP2500IP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75oC/W
HIP2500IP1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80oC/W
HIP2500IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90oC/W
See Maximum Power Dissipation vs Temperature Curve
Junction Temperature Range . . . . . . . . . . . . . . . . . -40oC to +125oC
Storage Temperature Range, TS . . . . . . . . . . . . . . -40oC to +150oC
Operating Ambient Temperature Range, TA. . . . . . . -40oC to +85oC
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended DC Operating Conditions
Floating Supply Voltage, VB . . . . . . . . . . . . . . . . VS+10V to VS+15V
(Floating Terminal)
High Side Channel Output Voltage, VHO . . . . . . . . . . . . . .10V to VB
(With Respect to VS)
Fixed Supply Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . .10V to 15V
Low Side Channel Output Voltage, VLO . . . . . . . . . . . . . . 0V to VCC
Logic Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . 4V to VCC
Floating Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . -4.0V to 500V
(Common Terminal)
VSS and COM potentials to be equal.
Electrical Specifications VCC = (VB - VS) = VDD = 15V, COM = VSS = 0, Unless Otherwise Noted
TJ = +25oCTJ = -40oC TO +125oC
PARAMETER
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Quiescent VCC Current
IQCC
-1.5
1.9
-
-2.0
mA
Quiescent VBS Current
IQBS
-
300
400
-
300
435
µA
Quiescent VDD Current
IQDD
-0.1
1
-
-1.8
µA
Quiescent Leakage Current
IS (500V)
-
0.4
3.0
-
-
-
µA
Logic Input Pulldown Current, VIN = VDD
(HIN, LIN, SD)
IN+
-
12
20
-
-
22
µA
Logic Input Leakage Current, VIN = VSS
(HIN, LIN, SD)
IN-
-
0
1
-
0
1
µA
Logic Input Positive Going Threshold (Note 2)
VTH+
7.5
8.0
8.5
7.5
8.0
8.6
V
Logic Input Negative Going Threshold (Note 2)
VTH-
5.5
5.9
6.3
5.5
5.9
6.4
V
Undervoltage Positive Going Threshold
UV+
8.0
9.35
9.99
7.8
-
9.99
V
Undervoltage Negative Going Threshold
UV-
7.7
9.05
9.69
7.5
-
9.69
V
Undervoltage Hysteresis (VCC)
UVHYS (VCC)
250
-
450
170
-
530
mV
Undervoltage Hysteresis (VBS)
UVHYS (VBS)
250
-
450
170
-
530
mV
Output High Open Circuit Voltage (HO, LO)
VOUT+
14.95
15
-
14.95
15
-
V
Output Low Open Circuit Voltage (HO, LO)
VOUT-
-
-0.05
-
-0.05
V
Output High Short Circuit Current (Sourcing)
IOUT+
1.65
2.1
-
1.15
1.6
-
A
Output Low Short Circuit Current (Sinking)
IOUT-
1.85
2.3
-
1.35
1.7
-
A
NOTE:
2. See Figure 8 for logic supply voltages other than 15.0V.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com