công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP2500 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện HIP2500
Giải thích chi tiết về linh kiện  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2500 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  HIP2500 Datasheet HTML 1Page - Renesas Technology Corp HIP2500 Datasheet HTML 2Page - Renesas Technology Corp HIP2500 Datasheet HTML 3Page - Renesas Technology Corp HIP2500 Datasheet HTML 4Page - Renesas Technology Corp HIP2500 Datasheet HTML 5Page - Renesas Technology Corp HIP2500 Datasheet HTML 6Page - Renesas Technology Corp HIP2500 Datasheet HTML 7Page - Renesas Technology Corp HIP2500 Datasheet HTML 8Page - Renesas Technology Corp HIP2500 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
1
®
HIP2500
Half Bridge 500VDC Driver
Description
The HIP2500 is a high voltage integrated circuit (HVIC) optimized
to drive N-Channel MOS gated power devices in half bridge topol-
ogies. It provides the necessary control for PWM motor drive,
power supply, and UPS applications. The SD pin allows external
shutdown of gate drive to both upper and lower gate outputs. Und-
ervoltage lockout will not allow gating when the bias voltage is too
low to drive the external switches into saturation.
The HIP2500IP is pin and function compatible to the Interna-
tional Rectifier IR2110. The HIP2500 has superior ability to
accept negative voltages from the VS pin to the COM pin due to
forward recovery of the lower flyback diode.
The HIP2500IB is a SOIC or small outline IC form of the
HIP2500. The HIP2500IB drives high side and low side refer-
enced power switches just like the HIP2500IP.
The HIP2500IP1 is a 16 lead Plastic DIP form of the HIP2500.
Pins 4 and 5 removed from lead frame to provide extra creep-
age and strike distances in high voltage applications.
Please see Application Note AN9010 for more information.
Functional Block Diagram
DRIVER
UV
LATCH
S
R
LEVEL
SHIFT
LOGIC
UV
HIN
SD
LIN
HO
LO
COM
HIP2500
VDD
VSS
VCC
VS
VB
DRIVER
Features
• Maximum Rating . . . . . . . . . . . . . . . . . . . . . . . . 500V
• Ability to Interface and Drive N-Channel Power
Devices
• Floating Bootstrap Power Supply for Upper Rail
Drive
• CMOS Schmitt-Triggered Inputs with Hysteresis
and Pull-Down
• Up to 400kHz Operation
• Single Low Current Bias Supply
• Latch-Up Immune CMOS Logic
• Peak Drive . . . . . . . . . . . . . . . . . . . . . . . . . Up to 2.0A
• Gate Drive Rise Time (+125oC) . . . . . . . < 25ns (Typ)
Applications
• High Frequency Switch-Mode Power Supply
• Induction Heating and Welding
• Switch Mode Amplifiers
• AC and DC Motor Drives
• Electronic Lamp Ballasts
• Battery Chargers
• UPS Inverters
• Noise Cancellation in Amplifier Systems
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG NO.
HIP2500IP
-40 to +85
14 Ld PDIP
E14.3
HIP2500IP1
-40 to +85
16 Ld PDIP
E16.3
HIP2500IB
-40 to +85
16 Ld SOIC (W)
M16.3
July 1998
File Number
2801.9
Pinouts
HIP2500 (PDIP)
TOP VIEW
HIP2500 (SOIC)
TOP VIEW
HIP2500 (PDIP)
TOP VIEW
LIN
SD
HIN
14
13
12
11
10
9
8
NC
NC
1
2
3
5
6
7
4
LO
COM
HO
NC
VDD
VCC
VSS
VS
VB
14
15
16
9
13
12
11
10
1
2
3
7
6
8
LO
COM
VCC
VS
HO
VB
NC
LIN
SD
HIN
VDD
NC
NC
VSS
4
5
NC
NC
14
15
16
9
13
12
11
10
1
2
3
7
6
8
LO
COM
VCC
VS
HO
VB
NC
LIN
SD
HIN
VDD
NC
NC
VSS
PAR
T WI
THD
RAW
N, P
ROC
ESS
OBS
OLE
TE
NO N
EW D
ESIG
NS,
SEE
IR21
10,
IR21
12, IR
2113
or co
ntac
t our
Tech
nica
l Sup
port
Cent
er at
1-88
8-INT
ERS
IL or
www
.inte
rsil.c
om/t
sc


Số phần tương tự - HIP2500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
HIP2500IB HARRIS-HIP2500IB Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
HIP2500IP HARRIS-HIP2500IP Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
HIP2500IP1 HARRIS-HIP2500IP1 Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
More results

Mô tả tương tự - HIP2500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
logo
Intersil Corporation
SP601 INTERSIL-SP601 Datasheet
671Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com