công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P87C52 bảng dữ liệu(PDF) 22 Page - Intel Corporation

tên linh kiện P87C52
Giải thích chi tiết về linh kiện  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

P87C52 bảng dữ liệu(HTML) 22 Page - Intel Corporation

Back Button P87C52 Datasheet HTML 15Page - Intel Corporation P87C52 Datasheet HTML 16Page - Intel Corporation P87C52 Datasheet HTML 17Page - Intel Corporation P87C52 Datasheet HTML 18Page - Intel Corporation P87C52 Datasheet HTML 19Page - Intel Corporation P87C52 Datasheet HTML 20Page - Intel Corporation P87C52 Datasheet HTML 21Page - Intel Corporation P87C52 Datasheet HTML 22Page - Intel Corporation P87C52 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
8XC525458
Table 5 Program Lock Bits and the Features
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No Program Lock features enabled (Code verify will still be encrypted by the
Encryption Array if programmed)
2
P
U
U
MOVC instructions executed from external program memory are disabled from
fetching code bytes from internal memory EA is sampled and latched on
Reset and further programming of the EPROM is disabled
3
P
P
U
Same as 2 also verify is disabled
4
P
P
P
Same as 3 also external execution is disabled
NOTE
Any other combination of the lock bits is not defined
EPROM PROGRAMMING AND VERIFICATION CHARACTERISTICS
(TA e 21 Cto27 C VCC e 5V g20% VSS e 0V)
Symbol
Parameter
Min
Max
Units
VPP
Programming Supply Voltage
125
130
V
IPP
Programming Supply Current
75
mA
1TCLCL
Oscillator Frequency
4
6
MHz
TAVGL
Address Setup to PROG Low
48TCLCL
TGHAX
Address Hold after PROG
48TCLCL
TDVGL
Data Setup to PROG Low
48TCLCL
TGHDX
Data Hold after PROG
48TCLCL
TEHSH
(Enable) High to VPP
48TCLCL
TSHGL
VPP Setup to PROG Low
10
m
s
TGHSL
VPP Hold after PROG
10
m
s
TGLGH
PROG Width
90
110
m
s
TAVQV
Address to Data Valid
48TCLCL
TELQV
ENABLE Low to Data Valid
48TCLCL
TEHQZ
Data Float after ENABLE
0
48TCLCL
TGHGL
PROG High to PROG Low
10
m
s
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com