công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P87C52 bảng dữ liệu(PDF) 7 Page - Intel Corporation

tên linh kiện P87C52
Giải thích chi tiết về linh kiện  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

P87C52 bảng dữ liệu(HTML) 7 Page - Intel Corporation

Back Button P87C52 Datasheet HTML 3Page - Intel Corporation P87C52 Datasheet HTML 4Page - Intel Corporation P87C52 Datasheet HTML 5Page - Intel Corporation P87C52 Datasheet HTML 6Page - Intel Corporation P87C52 Datasheet HTML 7Page - Intel Corporation P87C52 Datasheet HTML 8Page - Intel Corporation P87C52 Datasheet HTML 9Page - Intel Corporation P87C52 Datasheet HTML 10Page - Intel Corporation P87C52 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
8XC525458
8XC5X EXPRESS
The Intel EXPRESS system offers enhancements to
the operational specifications of the MCS 51 family
of microcontrollers These EXPRESS products are
designed to meet the needs of those applications
whose operating requirements exceed commercial
standards
The EXPRESS program includes the commercial
standard temperature range with burn-in and an ex-
tended temperature range with or without burn-in
With the commercial standard temperature range
operational characteristics are guaranteed over the
temperature range of 0 Cto a70 C With the ex-
tended temperature range option operational char-
acteristics are guaranteed over the range of b40 C
to a85 C
The optional burn-in is dynamic for a minimum time
of 168 hours at 125 C with VCC e 69V g025V
following guidelines in MIL-STD-883 Method 1015
Package types and EXPRESS versions are identified
by a one- or two-letter prefix to the part number The
prefixes are listed in Table 3
For the extended temperature range option this
data sheet specifies the parameters which deviate
from their commercial temperature range limits
NOTE
Intel offers Express Temperature specifica-
tions for all 8XC5X speed options except for
33 MHz
Table 3 Prefix Identification
Prefix
Package
Temperature
Burn-In
Type
Range
P
Plastic
Commercial
No
D
Cerdip
Commercial
No
N
PLCC
Commercial
No
S
QFP
Commercial
No
TP
Plastic
Extended
No
TD
Cerdip
Extended
No
TN
PLCC
Extended
No
TS
QFP
Extended
No
LP
Plastic
Extended
Yes
LD
Cerdip
Extended
Yes
LN
PLCC
Extended
Yes
LS
QFP
Extended
Yes
NOTE
Contact distributor or local sales office to match EXPRESS prefix with proper device
EXAMPLES
P80C52 indicates 80C52 in a plastic package and specified for commercial temperature range without burn-in TD80C52
indicates 80C52 in a Cerdip package and specified for extended temperature range without burn-in
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com