công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46721 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện SLG46721
Giải thích chi tiết về linh kiện  GreenPAK Programmable Mixed Signal Array
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46721 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  SLG46721 Datasheet HTML 1Page - Renesas Technology Corp SLG46721 Datasheet HTML 2Page - Renesas Technology Corp SLG46721 Datasheet HTML 3Page - Renesas Technology Corp SLG46721 Datasheet HTML 4Page - Renesas Technology Corp SLG46721 Datasheet HTML 5Page - Renesas Technology Corp SLG46721 Datasheet HTML 6Page - Renesas Technology Corp SLG46721 Datasheet HTML 7Page - Renesas Technology Corp SLG46721 Datasheet HTML 8Page - Renesas Technology Corp SLG46721 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
© 2023 Renesas Electronics Corporation
Page 1 of 101
SLG46721
Revision 1.21
1.0 Overview
The SLG46721 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit
design by programming the one time Non-Volatile Memory (NVM) to configure the interconnect logic, the I/O Pins and the
macrocells of the SLG46721. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a
very small, low power single integrated circuit. The macrocells in the device include the following:
•
Four Analog Comparators (ACMP)
•
Two Voltage References (Vref)
•
Nine Combinatorial Look Up Tables (LUTs)
• Two 2-bit LUTs
• Seven 3-bit LUTs
•
Nine Combination Function Macrocells
• Four Selectable DFF/Latch or 2-bit LUTs
• Two Selectable DFF/Latch or 3-bit LUTs
• One Selectable Pipe Delay or 3-bit LUT
• Two Selectable CNT/DLY or 4-bit LUTs
•
Five Counter / Delay Generators (CNT/DLY)
• One 14-bit delay/counter
• One 14-bit delay/counter with external clock/reset
• Three 8-bit delays/counters
•
Pipe Delay – 16 stage/3 output (Part of Combination Function Macrocell)
•
Programmable Delay
•
Additional Logic Functions
• Two Inverters
• Two Deglitch Filters
•
RC Oscillator (RC OSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com