công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46721 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện SLG46721
Giải thích chi tiết về linh kiện  GreenPAK Programmable Mixed Signal Array
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46721 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button SLG46721 Datasheet HTML 9Page - Renesas Technology Corp SLG46721 Datasheet HTML 10Page - Renesas Technology Corp SLG46721 Datasheet HTML 11Page - Renesas Technology Corp SLG46721 Datasheet HTML 12Page - Renesas Technology Corp SLG46721 Datasheet HTML 13Page - Renesas Technology Corp SLG46721 Datasheet HTML 14Page - Renesas Technology Corp SLG46721 Datasheet HTML 15Page - Renesas Technology Corp SLG46721 Datasheet HTML 16Page - Renesas Technology Corp SLG46721 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
© 2023 Renesas Electronics Corporation
Page 12 of 101
SLG46721
Revision 1.21
5.7 Typical Counter/Delay Offset Measurements
5.8 Expected Delays and Widths
Table 3. Typical Counter/Delay Offset Measurements.
Parameter
RC OSC
Freq
RC OSC Power
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
offset
25kHz
auto
19
14
12
µs
offset
2MHz
auto
7
4
4
µs
frequency settling time
25kHz
auto
19
14
12
µs
frequency settling time
2MHz
auto
14
14
14
µs
variable (CLK period)
25kHz
forced
0-40
0-40
0-40
µs
variable (CLK period)
2MHz
forced
0-0.5
0-0.5
0-0.5
µs
tpd (non-delayed edge)
25kHz/2MHz
either
35
14
10
ns
Table 4. Expected Delays and Widths for Programmable Delay (typical).
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
time1
Width, 1 cell
mode:(any)edge detect, edge detect output
325
150
110
ns
time1
Width, 2 cell
mode:(any)edge detect, edge detect output
740
300
225
ns
time1
Width, 3 cell
mode:(any)edge detect, edge detect output
1020
450
340
ns
time1
Width, 4 cell
mode:(any)edge detect, edge detect output
1350
600
450
ns
time2
Delay, 1 cell
mode:(any)edge detect, edge detect output
44
18
14
ns
time2
Delay, 2 cell
mode:(any)edge detect, edge detect output
44
18
14
ns
time2
Delay, 3 cell
mode:(any)edge detect, edge detect output
44
18
14
ns
time2
Delay, 4 cell
mode:(any)edge detect, edge detect output
44
18
14
ns
time1
Width, 1 cell
mode: delayed (any)edge detect, delayed
edge detect output
340
150
110
ns
time1
Width, 2 cell
mode: delayed (any)edge detect, delayed
edge detect output
670
300
220
ns
time1
Width, 3 cell
mode: delayed (any)edge detect, delayed
edge detect output
1000
450
335
ns
time1
Width, 4 cell
mode: delayed (any)edge detect, delayed
edge detect output
1340
600
450
ns
time2
Delay, 1 cell
mode: delayed (any)edge detect, delayed
edge detect output
570
220
140
ns
time2
Delay, 2 cell
mode: delayed (any)edge detect, delayed
edge detect output
570
220
140
ns
time2
Delay, 3 cell
mode: delayed (any)edge detect, delayed
edge detect output
570
220
140
ns
time2
Delay, 4 cell
mode: delayed (any)edge detect, delayed
edge detect output
570
220
140
ns
time2
Delay, 1 cell
mode: both edge delay, edge detect output
382
375
126
ns
time2
Delay, 2 cell
mode: both edge delay, edge detect output
713
169
237
ns
time2
Delay, 3 cell
mode: both edge delay, edge detect output
1045
318
350
ns
time2
Delay, 4 cell
mode: both edge delay, edge detect output
1370
466
460
ns
time2
Delay, 1 cell
mode: both edge delay, delayed edge detect
output
900
613
250
ns
time2
Delay, 2 cell
mode: both edge delay, delayed edge detect
output
1250
520
360
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com